Part Number Hot Search : 
AX150 74ACT151 DBD10G 1N2809B UY5366X LSI20 74LVT ADF4108S
Product Description
Full Text Search
 

To Download 0519060081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | installation products | markings | terminal markers | card | dekafix | standard print | dek 6.5 | horizontal | digits continuous linear - 1 - general ordering data order no. 0519060081 part designation dek 6,5 fwz 81-90 version connector markers, l x w: 5 x 6.5 mm, polyamide, white ean 4008190016371 qty. 500 pc(s). markings cadmium no can be labelled with thermal transfer printers no can be printed with plotter no can be written with dot-matrix printer no can be written with laser printer no colour of printing black function connector markers halogen no length 5 mm material polyamide material colour white material colour according to resistance code 9 max. temperature, continuous 100 c min. temperature, continuous -40 c orientation of print horizontal pin can be written (sti) no pitch 6.5 mm printjet no printed characters numbers printing method mc laser silicone no speed marking laser no type of printing standard ul 94 flammability class v2 width 6.5 mm
product catalogue | installation products | markings | terminal markers | card | dekafix | standard print | dek 6.5 | horizontal | digits continuous linear - 2 - classifications etim 2.0 ec000761 etim 3.0 ec000761 eclass 4.1 24-19-02-19 eclass 5.0 27-14-11-37 eclass 5.1 27-14-11-37 similar products order no. part designation version 0519060001 dek 6,5 fwz 1-10 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0519060011 dek 6,5 fwz 11-20 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0519060021 dek 6,5 fwz 21-30 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0519060031 dek 6,5 fwz 31-40 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0519060041 dek 6,5 fwz 41-50 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0519060051 dek 6,5 fwz 51-60 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0519060061 dek 6,5 fwz 61-70 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0519060071 dek 6,5 fwz 71-80 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0519060091 dek 6,5 fwz 91-100 connector markers, l x w: 5 x 6.5 mm, polyamide, white


▲Up To Search▲   

 
Price & Availability of 0519060081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X